Part Number Hot Search : 
LM2576BM SK1050PM OP482 RPM873 1402HX M200Z 12515 2CL2F
Product Description
Full Text Search
 

To Download NTMFS4835NT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2010 may, 2010 ? rev. 6 1 publication order number: ntmfs4835n/d ntmfs4835n power mosfet 30 v, 104 a, single n ? channel, so ? 8fl features ? low r ds(on) to minimize conduction losses ? low capacitance to minimize driver losses ? optimized gate charge to minimize switching losses ? these are pb ? free devices* applications ? refer to application note and8195/d ? cpu power delivery ? dc ? dc converters ? low side switching maximum ratings (t j = 25 c unless otherwise stated) parameter symbol value unit drain ? to ? source voltage v dss 30 v gate ? to ? source voltage v gs 20 v continuous drain current r  ja (note 1) steady state t a = 25 c i d 20 a t a = 85 c 14 power dissipation r  ja (note 1) t a = 25 c p d 2.27 w continuous drain current r  ja (note 2) t a = 25 c i d 12 a t a = 85 c 9.0 power dissipation r  ja (note 2) t a = 25 c p d 0.89 w continuous drain current r  jc (note 1) t c = 25 c i d 104 a t c = 85 c 75 power dissipation r  jc (note 1) t c = 25 c p d 62.5 w pulsed drain current t a = 25 c, t p = 10  s i dm 208 a operating junction and storage temperature t j , t stg ? 55 to +150 c source current (body diode) i s 52 a drain to source dv/dt d v /d t 6 v/ns single pulse drain ? to ? source avalanche energy t j = 25 c, v dd = 50 v, v gs = 10 v, i l = 28 a pk , l = 1.0 mh, r g = 25  e as 392 mj lead temperature for soldering purposes (1/8 from case for 10 s) t l 260 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. 1. surface ? mounted on fr4 board using 1 sq ? in pad, 1 oz cu. 2. surface ? mounted on fr4 board u sing the minimum recommended pad size. *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. so ? 8 flat lead case 488aa style 1 marking diagram http://onsemi.com a = assembly location y = year ww = work week  = pb ? free package (note: microdot may be in either location) 4835n ayww   1 v (br)dss r ds(on) max i d max 30 v 3.5 m  @ 10 v 104 a 5.0 m  @ 4.5 v g (4) s (1,2,3) n ? channel mosfet d (5,6) device package shipping ? ordering information NTMFS4835NT1G so ? 8fl (pb ? free) 1500 / tape & reel ntmfs4835nt3g so ? 8fl (pb ? free) 5000 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our t ape and reel packaging specifications brochure, brd8011/d. s s s g d d d d
ntmfs4835n http://onsemi.com 2 thermal resistance maximum ratings parameter symbol value unit junction ? to ? case (drain) r  jc 2.0 c/w junction ? to ? ambient ? steady state (note 3) r  ja 55.1 junction ? to ? ambient ? steady state (note ) r  ja 140.1 3. surface ? mounted on fr4 board using 1 sq ? in pad, 1 oz cu. 4. surface ? mounted on fr4 board using the minimum recommended pad size. electrical characteristics (t j = 25 c unless otherwise specified) parameter symbol test condition min typ max unit off characteristics drain ? to ? source breakdown voltage v (br)dss v gs = 0 v, i d = 250  a 30 v drain ? to ? source breakdown voltage temperature coefficient v (br)dss / t j 22.4 mv/ c zero gate voltage drain current i dss v gs = 0 v, v ds = 24 v t j = 25 c 1.0  a t j = 125 c 10 gate ? to ? source leakage current i gss v ds = 0 v, v gs = 20 v 100 na on characteristics (note 5) gate threshold voltage v gs(th) v gs = v ds , i d = 250  a 1.5 1.9 2.5 v negative threshold temperature coefficient v gs(th) /t j 5.3 mv/ c drain ? to ? source on resistance r ds(on) v gs = 10 v to 11.5 v i d = 30 a 2.9 3.5 m  i d = 15 a 2.5 v gs = 4.5 v i d = 30 a 4.3 5.0 i d = 15 a 3.9 forward transconductance g fs v ds = 15 v, i d = 15 a 21 s charges, capacitances & gate resistance input capacitance c iss v gs = 0 v, f = 1 mhz, v ds = 12 v 3100 pf output capacitance c oss 670 reverse transfer capacitance c rss 360 total gate charge q g(tot) v gs = 4.5 v, v ds = 15 v; i d = 30 a 22 39 nc threshold gate charge q g(th) 4.7 gate ? to ? source charge q gs 8.3 gate ? to ? drain charge q gd 8.8 total gate charge q g(tot) v gs = 11.5 v, v ds = 15 v; i d = 30 a 52 nc switching characteristics (note 6) turn ? on delay time t d(on) v gs = 4.5 v, v ds = 15 v, i d = 15 a, r g = 3.0  16 ns rise time t r 31 turn ? off delay time t d(off) 22 fall time t f 13 turn ? on delay time t d(on) v gs = 11.5 v, v ds = 15 v, i d = 15 a, r g = 3.0  10 ns rise time t r 23 turn ? off delay time t d(off) 30 fall time t f 10 5. pulse test: pulse width  300  s, duty cycle  2%. 6. switching characteristics are independent of operating junction temperatures.
ntmfs4835n http://onsemi.com 3 electrical characteristics (t j = 25 c unless otherwise specified) parameter unit max typ min test condition symbol drain ? source diode characteristics forward diode voltage v sd v gs = 0 v, i s = 30 a t j = 25 c 0.77 1.0 v t j = 125 c 0.70 reverse recovery time t rr v gs = 0 v, dis/dt = 100 a/  s, i s = 30 a 27 50 ns charge time t a 15 discharge time t b 12 reverse recovery charge q rr 18 nc package parasitic values source inductance l s t a = 25 c 0.65 nh drain inductance l d 0.005 nh gate inductance l g 1.84 nh gate resistance r g 1.3 5.0  5. pulse test: pulse width  300  s, duty cycle  2%. 6. switching characteristics are independent of operating junction temperatures.
ntmfs4835n http://onsemi.com 4 typical performance curves 2.8 v 2.6 v 60 0.003 0 35 2.0 1.0 0 1,000 100,000 02 1 v ds , drain ? to ? source voltage (volts) i d , drain current (amps) 0 v gs , gate ? to ? source voltage (volts) figure 1. on ? region characteristics figure 2. transfer characteristics i d , drain current (amps) 2 0.015 0 4 figure 3. on ? resistance vs. gate ? to ? source voltage v gs , gate ? to ? source voltage (volts) figure 4. on ? resistance vs. drain current and gate voltage i d , drain current (amps) r ds(on) , drain ? to ? source resistance (  ) r ds(on) , drain ? to ? source resistance (  ) figure 5. on ? resistance variation with temperature t j , junction temperature ( c) figure 6. drain ? to ? source leakage current vs. voltage v ds , drain ? to ? source voltage (volts) r ds(on) , drain ? to ? source resistance (normalized) i dss , leakage (na) ? 50 25 0 ? 25 50 75 23 16 12 30 4 3 v ds 10 v t j = 25 c t j = ? 55 c t j = 125 c v gs = 4.5 v 125 v gs = 0 v i d = 30 a v gs = 10 v t j = 150 c 30 0 46 t j = 25 c 20 v gs = 5.0 to 10 v 100 40 615 0.001 20 3.0 v 3.2 v 3.5 v 30 10 170 10 170 i d = 30 a t j = 25 c 8 v gs = 11.5 v 100 t j = 25 c 0.002 10 5 50 1 10 12 0.004 24 50 70 90 110 130 70 130 0.005 0.010 0.020 40 50 45 1.5 0.5 t j = 125 c 150 0.030 90 110 10,000 8 7 68910 150 4.0 v 5 150 0.025 0.007 0.005 0.006 0.008 25 30 55 10 28
ntmfs4835n http://onsemi.com 5 typical performance curves t r t d(off) t d(on) t f v gs 15 0 10 15 gate ? to ? source or drain ? to ? source voltage (volts) c, capacitance (pf) figure 7. capacitance variation 3500 0 v gs v ds 55 t j = 25 c c iss c oss c rss c iss figure 8. gate ? to ? source and drain ? to ? source voltage vs. total charge 0 4 0 q g , total gate charge (nc) 2 8 30 i d = 30 a t j = 25 c q t 35 0 v sd , source ? to ? drain voltage (volts) i s , source current (amps) figure 9. resistive switching time variation vs. gate resistance r g , gate resistance (  ) 1 10 100 1000 t, time (ns) v gs = 0 v figure 10. diode forward voltage vs. current 100 0.5 0.6 5 10 15 1 v ds = 15 v i d = 15 a v gs = 11.5 v 0.7 0.8 20 30 25 t j = 25 c figure 11. maximum rated forward biased safe operating area 0.1 1 100 v ds , drain ? to ? source voltage (volts) 1000 i d , drain current (amps) r ds(on) limit thermal limit package limit 10 10 v gs = 20 v single pulse t c = 25 c 1 ms 100  s 10 ms dc 10  s 20 1 100 0 25 t j , starting junction temperature ( c) i d = 28 a figure 12. maximum avalanche energy vs. starting junction temperature 50 75 120 100 125 200 400 e as , single pulse drain ? to ? source avalanche energy (mj) 150 500 40 30 5000 3000 2500 1500 1000 0.4 1.1 v gs , gate ? to ? source voltage (volts) 6 20 10 25 50 45 40 q gs 320 360 12 55 4500 10 q gd 0.1 80 160 240 280 10 25 2000 4000 15 5 20 18 16 14 12 10 8 6 4 2 0 v ds , drain ? to ? source voltage (volts) v ds 10 0.9 1.0
ntmfs4835n http://onsemi.com 6 typical performance curves 125 c 100 c 25 c figure 13. avalanche characteristics 10000 1 100 pulse width (  s) i d , drain current (amps) 10 10 1 1000 100 1000
ntmfs4835n http://onsemi.com 7 package dimensions dfn5 5x6, 1.27p (so ? 8fl) case 488aa ? 01 issue d style 1: pin 1. source 2. source 3. source 4. gate 5. drain 6. drain m 3.00 3.40  0 ???  3.80 12  notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeter. 3. dimension d1 and e1 do not include mold flash protrusions or gate burrs. 1234 5 6 top view side view bottom view d1 e1  d e 2 2 b a 0.20 c 0.20 c 2 x 2 x dim min nom millimeters a 0.90 1.00 a1 0.00 ??? b 0.33 0.41 c 0.23 0.28 d 5.15 bsc d1 4.50 4.90 d2 3.50 ??? e 6.15 bsc e1 5.50 5.80 e2 3.45 ??? e 1.27 bsc g 0.51 0.61 k 0.51 ??? l 0.51 0.61 l1 0.05 0.17 a 0.10 c 0.10 c detail a 14 6 l1 e/2 8x d2 g e2 k b a 0.10 b c 0.05 c l detail a a1 e 3 x c 4 x c seating plane 5 max 1.10 0.05 0.51 0.33 5.10 4.22 6.10 4.30 0.71 ??? 0.71 0.20 m *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 1.270 2x 0.750 1.000 0.905 0.475 4.530 1.530 4.560 0.495 3.200 1.330 0.965 2x 2x 3x 4x 4x on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 ntmfs4835n/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loca l sales representative


▲Up To Search▲   

 
Price & Availability of NTMFS4835NT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X